| データシートサーチシステム |
|
HCS12 データシート(PDF) 128 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 データシート(HTML) 128 Page - Freescale Semiconductor, Inc |
|
128 / 452 page ![]() S12CPUV2 Reference Manual, Rev. 4.0 128 Freescale Semiconductor Operation: (B) • (M) Description: Performs bitwise logical AND on the content of accumulator B and the content of memory location M and modifies the condition codes accordingly. Each bit of the result is the logical AND of the corresponding bits of the accumulator and the memory location. Neither the content of the accumulator nor the content of the memory location is affected. BITB Bit Test B BITB CCR Details: S X HIN Z V C –––– ∆∆ 0 – N: Set if MSB of result is set; cleared otherwise Z: Set if result is $00; cleared otherwise V: 0; cleared Source Form Address Mode Object Code Access Detail HCS12 M68HC12 BITB #opr8i BITB opr8a BITB opr16a BITB oprx0_xysp BITB oprx9,xysp BITB oprx16,xysp BITB [D,xysp] BITB [oprx16,xysp] IMM DIR EXT IDX IDX1 IDX2 [D,IDX] [IDX2] C5 ii D5 dd F5 hh ll E5 xb E5 xb ff E5 xb ee ff E5 xb E5 xb ee ff P rPf rPO rPf rPO frPP fIfrPf fIPrPf P rfP rOP rfP rPO frPP fIfrfP fIPrfP |