データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

5000 データシート(PDF) 15 Page - Intel Corporation

部品番号 5000
部品情報  Dual-Core Intel Xeon Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

5000 データシート(HTML) 15 Page - Intel Corporation

Back Button 5000 Datasheet HTML 11Page - Intel Corporation 5000 Datasheet HTML 12Page - Intel Corporation 5000 Datasheet HTML 13Page - Intel Corporation 5000 Datasheet HTML 14Page - Intel Corporation 5000 Datasheet HTML 15Page - Intel Corporation 5000 Datasheet HTML 16Page - Intel Corporation 5000 Datasheet HTML 17Page - Intel Corporation 5000 Datasheet HTML 18Page - Intel Corporation 5000 Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 104 page
background image
Dual-Core Intel® Xeon® Processor 5000 Series Datasheet
15
Electrical Specifications
2
Electrical Specifications
2.1
Front Side Bus and GTLREF
Most Dual-Core Intel Xeon Processor 5000 series FSB signals use Assisted Gunning
Transceiver Logic (AGTL+) signaling technology. This technology provides improved
noise margins and reduced ringing through low voltage swings and controlled edge
rates. AGTL+ buffers are open-drain and require pull-up resistors to provide the high
logic level and termination. AGTL+ output buffers differ from GTL+ buffers with the
addition of an active PMOS pull-up transistor to “assist” the pull-up resistors during the
first clock of a low-to-high voltage transition. Platforms implement a termination
voltage level for AGTL+ signals defined as VTT. Because platforms implement separate
power planes for each processor (and chipset), separate VCC and VTT supplies are
necessary. This configuration allows for improved noise tolerance as processor
frequency increases. Speed enhancements to data and address buses have made
signal integrity considerations and platform design methods even more critical than
with previous processor families.
The AGTL+ inputs require reference voltages (GTLREF), which are used by the
receivers to determine if a signal is a logical 0 or a logical 1. GTLREF must be generated
on the baseboard. GTLREF is a generic name for GTLREF_DATA_C[1:0], the reference
voltages for the 4X data bus and GTLREF_ADD_C[1:0], the reference voltages for the
2X address bus and common clock signals. Refer to the applicable platform design
guidelines for details. Termination resistors (RTT) for AGTL+ signals are provided on the
processor silicon and are terminated to VTT. The on-die termination resistors are always
enabled on the Dual-Core Intel Xeon Processor 5000 series to control reflections on the
transmission line. Intel chipsets also provide on-die termination, thus eliminating the
need to terminate the bus on the baseboard for most AGTL+ signals.
Some FSB signals do not include on-die termination (RTT) and must be terminated on
the baseboard. See Table 2-7 for details regarding these signals.
The AGTL+ bus depends on incident wave switching. Therefore, timing calculations for
AGTL+ signals are based on flight time as opposed to capacitive deratings. Analog
signal simulation of the FSB, including trace lengths, is highly recommended when
designing a system. Contact your Intel Field Representative to obtain the processor
signal integrity models, which includes buffer and package models.
2.2
Power and Ground Lands
For clean on-chip processor core power distribution, the processor has 223 VCC (power)
and 271 VSS (ground) inputs. All Vcc lands must be connected to the processor power
plane, while all VSS lands must be connected to the system ground plane. The
processor VCC lands must be supplied with the voltage determined by the processor
Voltage IDentification (VID) signals. See Table 2-3 for VID definitions.
Twenty two lands are specified as VTT, which provide termination for the FSB and power
to the I/O buffers. The platform must implement a separate supply for these lands
which meets the VTT specifications outlined in Table 2-10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More