データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AK8180D データシート(PDF) 4 Page - Asahi Kasei Microsystems

部品番号 AK8180D
部品情報  2.5V, 3.3V LVCMOS 1:10 Clock Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AKM [Asahi Kasei Microsystems]
ホームページ  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8180D データシート(HTML) 4 Page - Asahi Kasei Microsystems

  AK8180D Datasheet HTML 1Page - Asahi Kasei Microsystems AK8180D Datasheet HTML 2Page - Asahi Kasei Microsystems AK8180D Datasheet HTML 3Page - Asahi Kasei Microsystems AK8180D Datasheet HTML 4Page - Asahi Kasei Microsystems AK8180D Datasheet HTML 5Page - Asahi Kasei Microsystems AK8180D Datasheet HTML 6Page - Asahi Kasei Microsystems AK8180D Datasheet HTML 7Page - Asahi Kasei Microsystems AK8180D Datasheet HTML 8Page - Asahi Kasei Microsystems AK8180D Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AK8180D
Oct-2011
MS1306-E-01
- 4 -
Absolute Maximum Rating
Over operating free-air temperature range unless otherwise noted
(1)
Items
Symbol
Ratings
Unit
Supply voltage
VDD
-0.3 to 4.6
V
Input voltage
Vin
GND-0.3 to VDD+0.3
V
Input current (any pins except supplies)
IIN
±10
mA
Storage temperature
Tstg
-55 to 130
C
Note
(1) Stress beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
These are stress ratings only. Functional operation of the device at these or any other conditions beyond those
indicated under “Recommended Operating Conditions” is not implied. Exposure to absolute-maximum-rating
conditions for extended periods may affect device reliability. Electrical parameters are guaranteed only over the
recommended operating temperature range.
This device is manufactured on a CMOS process, therefore, generically susceptible to
damage by excessive static voltage. Failure to observe proper handling and
installation procedures can cause damage. AKM recommends that this device is handled with
appropriate precautions.
Recommended Operation Conditions
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Operating temperature
Ta
-40
85
C
Supply voltage
(1)
VDD
VDD
5%
2.375
2.5
2.625
V
3.135
3.3
3.465
(1) Power of 2.5V or 3.3V requires to be supplied from a single source. A decoupling capacitor of 0.1
F for power supply line
should be located close to each VDD pin.
Supported VDD Supply Voltage Configurations
Supply Voltage
Configuration
VDD
VDDA
VDDB
VDDC
GND
3.3 V
3.3 V
3.3 V
3.3 V
3.3 V
0 V
3.3 V and 2.5 V
3.3 V
3.3 V or 2.5 V
3.3 V or 2.5 V 3.3 V or 2.5 V
0 V
2.5 V
2.5 V
2.5 V
2.5 V
2.5 V
0 V
General Specification
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Termination Voltage
VTT
VDD/2
V
ESD Protection 1
MM
Machine model
200
V
ESD Protection 2
HBM
Human Body Model
2000
V
Latch-Up Immunity
LU
200
mA
Power Dissipation Capacitance
per output
10
pF
Input Capacitance
4.0
pF
ESD Sensitive Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com