データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AK8180D データシート(PDF) 7 Page - Asahi Kasei Microsystems

部品番号 AK8180D
部品情報  2.5V, 3.3V LVCMOS 1:10 Clock Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AKM [Asahi Kasei Microsystems]
ホームページ  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8180D データシート(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AK8180D Datasheet HTML 3Page - Asahi Kasei Microsystems AK8180D Datasheet HTML 4Page - Asahi Kasei Microsystems AK8180D Datasheet HTML 5Page - Asahi Kasei Microsystems AK8180D Datasheet HTML 6Page - Asahi Kasei Microsystems AK8180D Datasheet HTML 7Page - Asahi Kasei Microsystems AK8180D Datasheet HTML 8Page - Asahi Kasei Microsystems AK8180D Datasheet HTML 9Page - Asahi Kasei Microsystems AK8180D Datasheet HTML 10Page - Asahi Kasei Microsystems AK8180D Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AK8180D
MS1306-E-01
Oct-2011
- 7 -
AC Characteristics <2.5V> (1)
All specifications at VDD=VDDA=VDDB=VDDC= 2.5V
5%, Ta: -40 to +85
℃, unless otherwise noted
(1)
AC characteristics apply for parallel output termination of 50
 to VTT.
(2)
The AK8180D is functional up to an input and output clock frequency of 350MHz and is characterized up to 250MHz.
(3)
Violation of the 1.0 ns maximum input rise and fall tim e limit will affect the device propagation delay, device-to-device skew,
input pulse width, output duty cycle and maximum frequency specifications.
(4)
Output pulse skew tskO is the absolute difference of the propagation delay times:| tPLH - tPHL |.
Output duty cycle is frequency dependent (= 0.5
 tskO x fout). For example at fout = 125 MHz the output duty
cycle limit is 50%
 2.5%.
AC Characteristics <mixed with 3.3V and 2.5V> (1)(2)
All specifications at VDD, VDDB= 3.3V
5%, VDDA, VDDC=2.5V5%, Ta: -40 to +85
℃, unless otherwise noted
(1)
AC characteristics apply for parallel output termination of 50
 to VTT.
(2)
For all other AC specifications, refer to 2.5V and 3.3V tables according to the supply voltage of the output bank .
(3)
Output pulse skew tskO is the absolute difference of the propagation delay times:| tPLH - tPHL |.
Output duty cycle is frequency dependent (= 0.5
 tskO x fout). For example at fout = 125 MHz the output duty
cycle limit is 50%
 2.5%.
Parameter
Symbol
Conditions
MIN
TYP
MAX
Unit
Input Frequency
(2)
fIN
Pin: PCLKp/n
250
MHz
Input Pulse Width
tpwIN
Pin: PCLKp/n
1.4
ns
Peak-to-Peak Input Voltage Vpp
Pin: PCLKp/n
500
1000
mV
Common Mode Range
(2)
Vcmr
Pin: PCLKp/n
1.1
VDD-0.7
Input Rise/Fall time
(3)
trIN,tfOUT Pin: PCLKp/n
0.8 to 2.0V
1.0
ns
Output Frequency
(2)
fOUT
DSELx = 0 x1 output
DSELx = 1 x1/2 output
250
125
MHz
Propagation Delay
tPLH
tPHL
PCLKp/n to any Q
1.4
2.4
4.4
ns
Output Disable Time
tPLZ,tPHZ
10
ns
Output Enable Time
tPZL,tPZH
10
ns
Output-to-Output Skew
tskPP
Within one bank
Any output, same output divider
Any output, Any output divider
150
200
350
ps
Device-to-Device Skew
tskD
3.0
ns
Output Pulse Skew
(4)
tskO
200
ps
Output Duty Cycle
DCOUT
DCREF= 50% x1 or 1/2 output
45
50
55
%
Output Rise/Fall Time
tr, tf
0.6 to 1.8V
0.1
1.0
ns
Parameter
Symbol
Conditions
MIN
TYP
MAX
Unit
Propagation Delay
tPLH
tPHL
PCLK to any Q
See 3.3V table
ns
Output-to-Output Skew
tskPP
Within one bank
Any output, same output divider
Any output, Any output divider
150
250
350
ps
Device-to-Device Skew
tskD
2.5
ns
Output Pulse Skew
(3)
tskO
250
ps
Output Duty Cycle
DCOUT
DCREF= 50% x1 or 1/2 output
45
50
55
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com