データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AK8180D データシート(PDF) 5 Page - Asahi Kasei Microsystems

部品番号 AK8180D
部品情報  2.5V, 3.3V LVCMOS 1:10 Clock Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AKM [Asahi Kasei Microsystems]
ホームページ  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8180D データシート(HTML) 5 Page - Asahi Kasei Microsystems

  AK8180D Datasheet HTML 1Page - Asahi Kasei Microsystems AK8180D Datasheet HTML 2Page - Asahi Kasei Microsystems AK8180D Datasheet HTML 3Page - Asahi Kasei Microsystems AK8180D Datasheet HTML 4Page - Asahi Kasei Microsystems AK8180D Datasheet HTML 5Page - Asahi Kasei Microsystems AK8180D Datasheet HTML 6Page - Asahi Kasei Microsystems AK8180D Datasheet HTML 7Page - Asahi Kasei Microsystems AK8180D Datasheet HTML 8Page - Asahi Kasei Microsystems AK8180D Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AK8180D
MS1306-E-01
Oct-2011
- 5 -
Power Supply Current <3.3V>
VDD= 3.3V
5%, Ta: -40 to +85
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Full operation
(1)
IDD1
CCLK0=250MHz
CLK_SEL=L
95
120
mA
Quiescent state
(1)(2)
IDD2
1.6
2.6
mA
(1) The outputs have no loads.
(2) All inputs are in default state by the internal pull up/down resisters.
DC Characteristics <3.3V>
All specifications at VDD=VDDA=VDDB=VDDC= 3.3V
5%, Ta: -40 to +85
℃, unless otherwise noted
Parameter
Symbol
Conditions
MIN
TYP
MAX
Unit
High Level Input Voltage
VIH
LVCMOS
2.0
VDD+0.3
V
Low Level Input Voltage
VIL
LVCMOS
-0.3
0.8
V
Peak-to-Peak Input Voltage
Vpp
LVPECL
250
mV
Common Mode Range
(1)
Vcmr
LCPECL
1.1
VDD-0.6
V
Input Current
(2)
IL1
Vin=GND or VDD
200
μA
High Level Output Voltage
VOH
IOH= -24mA
(3)
2.4
V
Low level Output Voltage
VOL
IOL= +24mA
(3)
IOL= +12mA
0.55
0.30
V
Output Impedance
14-17
(1) Vcmr(DC) is the crosspoint of the differential input signal. Functional operation is obtained when the crosspoint is within t he
Vcmr range and the input swing lies within the Vpp(DC) specification.
(2) Input pull-up / pull down resistors influence input current.
(3) The AK8180D is capable of driving 50
 transmission lines of the incident edge. Each output drives one 50  parallel
terminated transmission line to a termination voltage of VTT. Alternatively, the device drives up to two 50
 series
terminated transmission lines.
(4)
IDDQ is the DC current consumption of the device with all outputs open and the input in its default state or
open.
AC Characteristics <3.3V> (1)
All specifications at VDD=VDDA=VDDB=VDDC= 3.3V
5%, Ta: -40 to +85
℃, unless otherwise noted
(continued on next page)
Parameter
Symbol
Conditions
MIN
TYP
MAX
Unit
Input Frequency
fIN
Pin: PCLKp/n
0
250
MHz
Input Pulse Width
tpwIN
Pin: PCLKp/n
1.4
ns
Peak-to-Peak Input Voltage Vpp
Pin: PCLKp/n
500
1000
mV
Common Mode Range
(2)
Vcmr
Pin: PCLKp/n
1.3
VDD-0.8
Input Rise/Fall time
(3)
trIN,tfOUT
Pin: PCLKp/n
0.8 to 2.0V
1.0
ns
Output Frequency
fOUT
Pin: Q0-11
0
250
MHz
Propagation Delay
tPLH
tPHL
PCLK to any Q
1.3
2.2
3.55
ns
Output Disable Time
tPLZ,tPHZ
10
ns
Output Enable Time
tPZL,tPZH
10
ns
Output-to-Output Skew
tskPP
Within one bank
Any output, same output divider
Any output, Any output divider
150
200
350
ps
Device-to-Device Skew
tskD
2.25
ns
Output Pulse Skew
(4)
tskO
200
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com