| データシートサーチシステム |
|
33813 データシート(PDF) 47 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
33813 データシート(HTML) 47 Page - Freescale Semiconductor, Inc |
|
47 / 54 page ![]() Analog Integrated Circuit Device Data Freescale Semiconductor 47 33813 9 9 Not Used X X X X X X X X (0) (0) (0) (0) (0) (0) (0) (0) 10 A Watchdog State Enable/ Disable WD timer bit 6 WD timer bit 5 WD timer bit 4 WD timer bit 3 WD timer bit 2 WD timer bit 1 WD timer bit 0 11 B VRS Conditioner and ISO9141 Faults Peak 8 Peak 4 Peak 2 Peak 1 x Clampacti ve VRSP Clampacti ve VRSN ISO Over- temp OT (0) (0) (0) (0) (0) (0) (0) (0) 13 D Power Supply and Any System Faults Any System Faults Keysw (1/0) Pwren Batsw SPI Error VPROT Short to Battery VPROT Over-temp OT VPROT Short to Ground (0) (1/0) (0/1) (0/1) (0/1) (0/1) (0/1) (0/1) 14 E System On/Off Indicators INJ1 Off/On x REL1 Off/On REL2 Off/On LAMP Off/On IGN1 Off/On x O2H Off/On (0) (0) (0) (0) (0) (0) (0) (0) 15 F Model Code/ Revision Number* *Read Only except for POST Enable Model Code 2 Model Code 1 Model Code 0 Rev # Rev # Rev # Rev # Rev # (0) (1) (0) (0) (0) (0) (0) (1) Table 24. SPI Status Registers Reg # Hex 7 6 5 4 3 2 1 0 |