データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OR3LP26B データシート(PDF) 41 Page - Agere Systems

部品番号 OR3LP26B
部品情報  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AGERE [Agere Systems]
ホームページ  
Logo AGERE - Agere Systems

OR3LP26B データシート(HTML) 41 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 37Page - Agere Systems OR3LP26B Datasheet HTML 38Page - Agere Systems OR3LP26B Datasheet HTML 39Page - Agere Systems OR3LP26B Datasheet HTML 40Page - Agere Systems OR3LP26B Datasheet HTML 41Page - Agere Systems OR3LP26B Datasheet HTML 42Page - Agere Systems OR3LP26B Datasheet HTML 43Page - Agere Systems OR3LP26B Datasheet HTML 44Page - Agere Systems OR3LP26B Datasheet HTML 45Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 184 page
background image
Lucent Technologies Inc.
41
Data Sheet
ORCA OR3LP26B FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
PCI Bus Core Detailed Description Dual Port (continued)
5-8848(F).a
Figure 5. Master Write 32-Byte Burst (PCI Bus, 64-Bit)
Table 18. Dual-Port Master Write
* mwlastcycn is only 0 during the last data Quadword sent.
mstatecntr
Next State of
mstatecntr
Description
Bus
mwlastcycn
maenn
mwdataenn
0
0
Idle
—
111
0
4
Address[63:0]
datafmfpgax[7:0]
datafmfpga[63:0]
001
4
4 or 0
Data[63:0], be[7:0]
datafmfpgax[7:0]
datafmfpga[63:0]
0*
1
0
T0
T1
T2
T3
T4
T5
T6
T7
ADRS
D0
D1
D2
D3
CMD
BE0
BE1
BE2
BE3
clk
framen
ad
c_ben
irdyn
devseln
trdyn
stopn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More