| データシートサーチシステム |
|
OR3LP26B データシート(PDF) 57 Page - Agere Systems |
|
|
|||||||||||||||||||||||||||||
OR3LP26B データシート(HTML) 57 Page - Agere Systems |
|
57 / 184 page ![]() Lucent Technologies Inc. 57 Data Sheet ORCA OR3LP26B FPSC March 2000 Embedded Master/Target PCI Interface Lucent Technologies Inc. PCI Bus Core Detailed Description Dual Port (continued) 5-8836(F).a Figure 15. Target Write Memory 32-Byte Burst (FPGA Bus, Dual-Port) Table 21. Dual-Port Target Write * treqn is deasserted high on the last data Quadword. † twlastcycn is asserted low on the last data Quadword. tstatecntr Next State of tstatecntr Description Bus treqn twlastcycn taenn 00 Idle — 1 1 1 0 4 Address[63:0] datatofpgax[7:0] datatofpga[63:0] 00 0 4 4 or 0 Data[63:0], BE[7:0] datatofpgax[7:0] datatofpga[63:0] 1* 0† 1 T0 T1 T2 T3 T4 T5 T6 T7 T8 0 4 0 X CMD X X ADRS D0 D1 D2 D3 X fclk t_ready treqn tstatecntr tcmd datatofpga taenn twdataenn twlastcycn tw_emptyn tw_aemptyn |