| データシートサーチシステム |
|
LAN9500AI データシート(PDF) 50 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
LAN9500AI データシート(HTML) 50 Page - SMSC Corporation |
|
50 / 66 page ![]() USB 2.0 to 10/100 Ethernet Controller Datasheet Revision 1.1 (04-18-13) 50 SMSC LAN950x Family DATASHEET 8.3.4 SUSPEND3 Note: SUSPEND3 not supported by LAN9500/LAN9500i. 8.3.5 Operational Table 8.7 Power Consumption/Dissipation - SUSPEND3 (LAN9500A/LAN9500Ai) PARAMETER MIN TYPICAL MAX UNIT Supply current (VDD33IO, VDD33A) (Device Only) 24.5 mA Power Dissipation (Device Only) 81.2 mW Power Dissipation (Device and Ethernet components) 85.1 mW Table 8.8 Operational Power Consumption/Dissipation (LAN9500/LAN9500i) PARAMETER MIN TYPICAL MAX UNIT 100BASE-TX Full Duplex (USB High-Speed) Supply current (VDD33IO, VDD33A) (Device Only) 143 mA Power Dissipation (Device Only) 474 mW Power Dissipation (Device and Ethernet components) 618 mW 10BASE-T Full Duplex (USB High-Speed) Supply current (VDD33IO, VDD33A) (Device Only) 103 mA Power Dissipation (Device Only) 342 mW Power Dissipation (Device and Ethernet components) 692 mW 100BASE-TX Full Duplex (USB Full-Speed) Supply current (VDD33IO, VDD33A) (Device Only) 139 mA Power Dissipation (Device Only) 460 mW Power Dissipation (Device and Ethernet components) 605 mW 10BASE-T Full Duplex (USB Full-Speed) Supply current (VDD33IO, VDD33A) (Device Only) 98 mA Power Dissipation (Device Only) 324 mW Power Dissipation (Device and Ethernet components) 673 mW |