| データシートサーチシステム |
|
CV500-SLK21 データシート(PDF) 78 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
CV500-SLK21 データシート(HTML) 78 Page - Omron Electronics LLC |
|
78 / 182 page ![]() 65 Output Surge Current When connecting a Transistor or Triac Output Unit to an output device having a high surge current (such as an incandescent lamp), care must be taken to avoid damage to the Output Unit. The Transistor and Triac Output Units are capable of withstanding a surge current of ten times the rated current. If the surge current for a particular device exceeds this amount, use one of the following circuit con- figurations to protect the Output Unit. OUT COM L R + The above circuit protects the Output Unit by letting the load draw a small current (about one third the rated current) while the output is OFF, significantly reducing the surge current. The following circuit reduces the surge current by employing a current-limiting resistor. L OUT COM + R A Transistor Output Unit’s output cannot be directly connected to a TTL input because of the transistor’s residual voltage. When connecting TTL circuits to transistor Output Units, connect a pull-up resistor and a CMOS IC between the two. 3-5-3 Wiring Examples The following examples illustrate how to connect I/O devices to I/O Units. During wiring, work slowly and carefully. If an input device is connected to an Output Unit, damage may result. Check all I/O devices to make sure they meet the spec- ifications (refer to Appendix B Specifications). Be sure to allow for leakage cur- rents and load inductance. Input Units DC Input Units COM Contact output IN DC input Transistor Output Residual Voltage Wiring I/O Units Section 3-5 |