| データシートサーチシステム |
|
CV500-SLK21 データシート(PDF) 93 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
CV500-SLK21 データシート(HTML) 93 Page - Omron Electronics LLC |
|
93 / 182 page ![]() 80 Non-fatal Errors (cont’d) Item RUN Auxiliary Area data Corrective action output Error flags Error data Error code System error (FAL) ON A40215 ON A430 to A461 (Executed FAL Number) 4101 -42FF (*) Check the program. JMP error ON A40213 ON None 00F9 Check and correct the program. Indirect DM BCD er- ror ON A40212 ON None 00F8 Non-fatal SFC error ON A40211 ON A418 (SFC Non-fatal Er- ror Code) 00F4 I/O verification error ON A40209 ON None 00E7 Verify the I/O table. After the cor- rective actions have been taken, create a new I/O table. CPU Bus Unit error ON A40207 ON A422 (CPU Bus Unit Er- ror Unit Number) A42315 ON (CPU Bus Link Error Flag) 0020- 0215 0231 (**) Check the Unit. SYSMAC BUS/2 er- ror ON A40206 ON A424 (SYSMAC BUS/2 Error Master Number) A480 to A499 (SYSMAC BUS/2 Error Unit Num- ber) 00B0- 00B3 (***) Check transmission lines for SYS- MAC BUS/2. Check to see if SYSMAC BUS/2 Slave is normal. SYSMAC BUS error ON A40205 ON A425 (SYSMAC BUS Error Master Number) A470 to A477 (SYSMAC BUS Error Codes) 00A0- 00A7 (****) Check transmission lines for SYS- MAC BUS. Check to see if SYS- MAC BUS Slave is normal. Battery failure ON A40204 ON A42615 (PC Battery Low Flag) A42614 (Memory Card Battery Low Flag) 00F7 Replace the battery of the CPU or Memory Card. Check the connec- tions of the CPU battery. CPU Bus Unit setting error ON A40203 ON A427 (CPU Bus Unit Pa- rameter Error Unit Num- ber) 0400- 0415 Check the Unit. Momentary power in- terruption ON A40202 ON A012 to A013 (Power In- terruption Time) A014 (Number of Power Interruptions) 0002 Check the supply voltage and Power Supply Unit wiring. Output inhibit ON A00015 ON None --- Turn OFF A00015. Host link communi- cation ON --- None --- Release memory protection. Note * 101 through 2FF indicate FAL Nos. ** 00 through 15 indicate the Unit Nos. of the CPU Bus Units. 31 indicates a CPU bus link error. *** 0 through 3 indicate the RM addresses of SYSMAC BUS/2. **** 0 through 7 indicate the RM addresses of SYSMAC BUS. ***** G: CPU Bus Link Area. Error Messages and Alarm Outputs Section 5-1 |