| データシートサーチシステム |
|
CV500-SLK21 データシート(PDF) 49 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
CV500-SLK21 データシート(HTML) 49 Page - Omron Electronics LLC |
|
49 / 182 page ![]() 36 2-3-5 Termination Resistance Units A Termination Resistance Unit (CV500-TER01) must be attached to all unused I/O connectors of I/O Control and I/O Interface Units in the system. Failure to attach Termination Resistance Units to the unused I/O connectors will result in an error and the incorrect operation of the PC. The following example illustrates the locations where Termination Resistance Units are required. Two Termina- tion Resistance Units are provided with the CV500-IC101/201 I/O Control Unit. CPU Rack Termination Resistance Unit Termination Resistance Unit CPU Rack Termination Resistance Unit Termination Resistance Unit Note Attach and remove Termination Resistance Units only when PC power is OFF. Rack Components Section 2-3 |