| データシートサーチシステム |
|
CV500-SLK21 データシート(PDF) 32 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
CV500-SLK21 データシート(HTML) 32 Page - Omron Electronics LLC |
|
32 / 182 page ![]() 19 The following figure shows an assembled CV-series CPU Rack and seven C500 Expansion I/O Racks. Up to seven C500 Expansion I/O Racks may be con- nected to the CPU Rack. The total length of the I/O Connecting Cable must 5 m or less and each section of I/O Connecting Cable must be 2 m or less. Termina- tion Resistance Units are not necessary. Expansion I/O Racks for the CV-series cannot be used together with C500 Ex- pansion I/O Racks. Units can be mounted to any slot on the Racks shown for them below. I/O Control Unit CV500-IC301 I/O Connecting Cable C500-CN jj2N (2 m max. each cable, 5 m max. total length) 8 or 5 slots C500 I/O Units C500 Special I/O Units SYSMAC BUS Masters I/O Backplane 3G2A5-BI081/BI051 Power Supply Unit 3G2A5-PS222-E/PS212 I/O Interface Unit 3G2A5-II002 (Terminal Resistance Units are not required.) CPU Backplane: CV500-BC031/051/101 Power Supply Unit: CV500-PS221/PS211 or CVM1-PA208 CPU: CV500-CPU01-EV1, CV1000-CPU01-EV1, CV2000-CPU01-EV1, CVM1-CPU01-EV2, CVM1-CPU11-EV2, or CVM1-CPU21-EV2 3, 5, or 10 slots SYSMAC NET Link Units SYSMAC LINK Units SYSMAC BUS/2 Masters Personal Computer Units BASIC Units C500 I/O Units C500 Special I/O Units SYSMAC BUS Masters Systems with C500 Expansion I/O Racks System Configuration Section 2-1 |