| データシートサーチシステム |
|
CV500-SLK21 データシート(PDF) 99 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
CV500-SLK21 データシート(HTML) 99 Page - Omron Electronics LLC |
|
99 / 182 page ![]() 86 No. of basic rack words No. of SYSMAC BUS/2 words No. of SYSMAC BUS words CV500/CVM1-CPU01-EV2 32 64 32 CV1000/CVM1-CPU11-EV2 64 128 64 CV2000 128 128 64 CVM1-CPU21-EV2128 128 128 G D D D D H Check word A409/A410 YES No. duplication error? Check Rack No. set- ting switch of I/O In- terface Units A40900 to A40907 ON? OFF ON Expansion Rack No. duplicated A40915 ON? A41000 to A41015 ON? OFF OFF Check assignment of first word of each Rack in PC Setup ON Word assignment duplicated ON Check settings of Unit No. Check connection of CPU cable between CPU Rack and Ex- pansion CPU Rack CPU bus error? I/O point over? Check words A407/A408/A478 Reduce number of words to within speci- fied value I/O setting error? NO Input and Output Units are reversed. Verify I/O table with peripheral device Registered I/O table correct? YES Create I/O table NO Word A407 Word A408 Word A478 Mount Units accord- ing to registered I/O table (From preceding page) (To next page) (A40112 ON) (A40111 ON) (To page 84) (To page 84) (To page 84) (To page 84) NO NO NO YES YES YES (A40110 ON) Unit No. of CPU Bus Unit dupli- cated (A40113 ON) Troubleshooting Flowcharts Section 5-2 |