データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL3ICS1002F7AF データシート(PDF) 21 Page - NXP Semiconductors

部品番号 SL3ICS1002F7AF
部品情報  UCODE G2XM and G2XL
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3ICS1002F7AF データシート(HTML) 21 Page - NXP Semiconductors

Back Button SL3ICS1002F7AF Datasheet HTML 17Page - NXP Semiconductors SL3ICS1002F7AF Datasheet HTML 18Page - NXP Semiconductors SL3ICS1002F7AF Datasheet HTML 19Page - NXP Semiconductors SL3ICS1002F7AF Datasheet HTML 20Page - NXP Semiconductors SL3ICS1002F7AF Datasheet HTML 21Page - NXP Semiconductors SL3ICS1002F7AF Datasheet HTML 22Page - NXP Semiconductors SL3ICS1002F7AF Datasheet HTML 23Page - NXP Semiconductors SL3ICS1002F7AF Datasheet HTML 24Page - NXP Semiconductors SL3ICS1002F7AF Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
139037
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.7 — 9 October 2012
139037
21 of 51
NXP Semiconductors
SL3ICS1002/1202
UCODE G2XM and G2XL
13.5 Data integrity
The G2X ignores invalid commands. In general, "invalid" means a command that (1) is
incorrect given the current the G2X state, (2) is unsupported by the G2X, (3) has incorrect
parameters, (4) has a CRC error, (5) specifies an incorrect session, or (6) is in any other
way not recognized or not executable by the G2X. The actual definition of "invalid" is
state-specific and defined, for each G2X state, in n Section 17, Ref. 1 Annex B and
Annex C.
All UCODE G2X backscatter error codes are summarized in Section 17, Ref. 1 Error
codes, Annex I. For a detailed description of the individual backscatter error situations
which are command specific please refer to the Section 17, Ref. 1 individual command
description section 6.3.2.10.
13.6 CRC
A CRC-16 is a cyclic-redundancy check that an interrogator uses when protecting certain
R=>T commands, and the G2X uses when protecting certain backscattered T=>R
sequences. To generate a CRC-16 an interrogator or the G2X first generates the CRC-16
precursor shown in Section 17, Ref. 1 Table 6.11, then take the ones-complement of the
generated precursor to form the CRC-16. For a detailed description of the CRC-16
generation and handling rules refer to Section 17, Ref. 1, chapter 6.3.2.1.
The CRC-5 is only used to protect the Query command (out of the mandatory command
set). It is calculated out of X5 + X3 + 1. For a more detailed CRC-5 description refer to
Section 17, Ref. 1, table 6.12.
For exemplary schematic diagrams for CRC-5 and CRC-16 encoder/decoder refer to
Section 17, Ref. 1, Annex F.
For a CRC calculation example refer to Section 15.1, Table 29 and Table 30.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51