| データシートサーチシステム |
|
SL3ICS1002F7AF データシート(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL3ICS1002F7AF データシート(HTML) 4 Page - NXP Semiconductors |
|
4 / 51 page ![]() 139037 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet COMPANY PUBLIC Rev. 3.7 — 9 October 2012 139037 4 of 51 NXP Semiconductors SL3ICS1002/1202 UCODE G2XM and G2XL 5. Block diagram The SL3ICS1002/1202 IC consists of three major blocks: - Analog RF Interface - Digital Controller - EEPROM The analog part provides stable supply voltage and demodulates data received from the reader for being processed by the digital part. Further, the modulation transistor of the analog part transmits data back to the reader. The digital section includes the state machines, processes the protocol and handles communication with the EEPROM, which contains the EPC and the user data. Fig 1. Block diagram of G2X IC 001aai335 MOD DEMOD VREG VDD data in data out R/W ANALOG RF INTERFACE PAD PAD RECT DIGITAL CONTROL ANTENNA ANTICOLLISION READ/WRITE CONTROL ACCESS CONTROL EEPROM INTERFACE CONTROL RF INTERFACE CONTROL EEPROM MEMORY SEQUENCER CHARGE PUMP |