| データシートサーチシステム |
|
SL3ICS1002F7AF データシート(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL3ICS1002F7AF データシート(HTML) 5 Page - NXP Semiconductors |
|
5 / 51 page ![]() 139037 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet COMPANY PUBLIC Rev. 3.7 — 9 October 2012 139037 5 of 51 NXP Semiconductors SL3ICS1002/1202 UCODE G2XM and G2XL 6. Wafer layout and pinning information 6.1 Wafer layout (1) X-scribe line width: 56.4 m (2) Y-scribe line width: 56.4 m (3) Chip step, x-length: 488.0 m (4) Chip step, y-length: 470,0 m (5) Bump to bump distance X (TP1 - RFN): 351,0 m (6) Bump to bump distance Y (RFN - RFP): 333,0 m (7) Distance bump to metal sealring X: 40,3 m (8) Distance bump to metal sealring Y: 40,3 m Bump size X x Y: 60 m x 60 m Fig 2. Wafer layout and pinning information 001aai346 not to scale! (1) (7) (2) (8) (5) (6) (4) (3) Y X TP2 TP1 RFN RFP |