| データシートサーチシステム |
|
SL3ICS1002F7AF データシート(PDF) 26 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL3ICS1002F7AF データシート(HTML) 26 Page - NXP Semiconductors |
|
26 / 51 page ![]() 139037 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet COMPANY PUBLIC Rev. 3.7 — 9 October 2012 139037 26 of 51 NXP Semiconductors SL3ICS1002/1202 UCODE G2XM and G2XL 14.2 Sessions, selected and inventoried flags Session, Selected and Inventory Flags are according the EPCglobal standard. For a description refer to Section 17, Ref. 1, section 6.3.2.3. 14.2.1 G2X States and slot counter For a description refer to Section 17, Ref. 1, section 6.3.2.4. 14.2.2 G2X State Diagram The tag state are according the EPCglobal standard please refer to: Section 17, Ref. 1, section 6.3.2.4 Tag states and slot counter. A detailed tag state diagram is shown in Section 17, Ref. 1, figure 6.19. Refer also to Section 17, Ref. 1, Annex B for the associated state-transition tables and to Section 17, Ref. 1, Annex C for the associated command-response tables. 14.3 Managing tag populations For a detailed description on how to manage an UCODE G2X tag populations refer to Section 17, Ref. 1, chapter 6.3.2.6. 14.4 Selecting tag populations For a detailed description of the UCODE G2X tag population selection process refer to Section 17, Ref. 1, section 6.3.2.7. 14.5 Inventorying tag populations For a detailed description on accessing individual tags based on the UCODE G2X refer to Section 17, Ref. 1, section 6.3.2.8. 14.6 Accessing individual tags For a detailed description on accessing individual tags based on the UCODE G2X refer to Section 17, Ref. 1, section 6.3.2.9. An example inventory and access of a single UCODE G2X tag is shown in Section 17, Ref. 1, Annex E.1. 14.7 Interrogator commands and tag replies For a detailed description refer to Section 17, Ref. 1, section 6.3.2.10. 14.7.1 Commands An overview of interrogator to tag commands is located in Section 17, Ref. 1, Table 6.16. Note that all mandatory commands are implemented on the G2X according to the standard. Additionally the optional command Access is supported by the G2X (for details refer to Section 14.11 “Optional Access Command”). Besides also custom commands are implemented on the G2X (for details refer to Section 14.12 “Custom Commands”. |