| データシートサーチシステム |
|
PC06E8-2S. データシート(PDF) 34 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
PC06E8-2S. データシート(HTML) 34 Page - Amphenol Corporation |
|
34 / 80 page ![]() 32 TERMINATION ASSEMBLIES “SE”, MS / “E” Open Wire Seal PT01SE-XX-XXX SP01SE-XX-XXX MS3121E-XX-XXX “SE” (SR), MS / “F” Strain Relief PT01SE-XX-XXX (SR) SP01SE-XX-XXX (SR) MS3121F-XX-XXX “SP”, MS / “P” Potting Boot PT01SP-XX-XXX SP01SP-XX-XXX MS3121P-XX-XXX All dimensions for reference only. Shell Size Receptacle Front View Receptacle Side View S Max. Class “SE”, MS / “E” Class “SE” (SR), MS / “F” Class “SP”, MS / “P” A Dia. +.001 –.005 K ±.018 L Max. N Dia. Max. G Dia. L Max. N Max. D Dia. L Max. N Dia. Max. 8 .812 .473 .094 1.522 .560 .125 2.422 .828 – – – 10 .955 .590 .094 1.522 .685 .188 2.422 .891 .444 1.656 .734 12 1.048 .750 .094 1.522 .813 .312 2.422 1.016 .558 1.656 .858 14 1.142 .875 .094 1.522 .930 .375 2.422 1.141 .683 1.656 .984 16 1.236 1.000 .094 1.522 1.057 .500 2.537 1.203 .808 1.656 1.110 18 1.329 1.125 .094 1.522 1.175 .625 2.537 1.469 .909 1.656 1.234 20 1.455 1.250 .115 1.709 1.301 .625 2.824 1.469 1.034 1.750 1.360 22 1.579 1.375 .115 1.709 1.428 .750 2.824 1.656 1.159 1.750 1.484 24 1.709 1.500 .115 1.709 1.555 .800 2.900 1.750 1.284 1.782 1.610 PT01 SE (MS3121) SP01 SE cable connecting receptacle Note: This connector style is sometimes referred to as a cable connecting “plug”. It does, however, mate with either a straight or 90 degree plug. To complete part number see how to order on page 39. S S K K N A L AG N L A L D N K |