| データシートサーチシステム |
|
PC06E8-2S. データシート(PDF) 44 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
PC06E8-2S. データシート(HTML) 44 Page - Amphenol Corporation |
|
44 / 80 page ![]() 42 TERMINATION ASSEMBLIES “CE” Open Wire Seal PT00CE-XX-XXX SP00CE-XX-XXX “CE” (SR) Strain Relief PT00CE-XX-XXX (SR) SP00CE-XX-XXX (SR) “CP” Potting Boot PT00CP-XX-XXX SP00CP-XX-XXX All dimensions for reference only. Shell Size Receptacle Front View Receptacle Side View R (TP) S ±.016 A Dia. +.001 –.005 K +.025 –.010 M +.010 –.000 Class “CE” Class “CE” (SR) Class “CP” L Max. N Dia. Max. G Dia. H Max. L Max. D Dia. L Max. N Dia. Max. PT SP PT SP PT SP PT SP 6 .469 .641 .688 .953 .348 .493 .524 .431 .462 1.468 .440 – – – – – – 8 .594 .734 .812 1.047 .473 .493 .524 .431 .462 1.468 .560 .125 .797 2.031 .327 1.683 .608 10 .719 .812 .938 1.125 .590 .493 .524 .431 .462 1.468 .685 .188 .859 2.031 .444 1.683 .734 12 .812 .938 1.031 1.250 .750 .493 .524 .431 .462 1.468 .813 .312 .984 2.031 .558 1.683 .858 14 .906 1.031 1.125 1.344 .875 .493 .524 .431 .462 1.468 .930 .375 1.109 2.031 .683 1.683 .984 16 .969 1.125 1.219 1.438 1.000 .493 .524 .431 .462 1.468 1.057 .500 1.172 2.156 .808 1.683 1.110 18 1.062 1.203 1.312 1.516 1.125 .493 .524 .431 .462 1.468 1.175 .625 1.422 2.156 .909 1.683 1.234 20 1.156 1.297 1.438 1.672 1.250 .650 .650 .556 .556 1.562 1.301 .625 1.422 2.266 1.034 1.750 1.360 22 1.250 1.375 1.562 1.750 1.375 .650 .650 .556 .556 1.562 1.428 .750 1.609 2.266 1.159 1.750 1.484 24 1.375 1.500 1.688 1.875 1.500 .683 .683 .589 .589 1.625 1.555 .800 1.703 2.328 1.284 1.782 1.610 PT00 CE SP00 CE wall mounting receptacle To complete part number see how to order on page 49. ■ (MMC) located within .005 Dia. of (TP) S S R (TP) R (TP) PT .120 ± .005 Dia. (.147 ± .005 Dia., size 24) SP .150 ± .005 Dia. 4 Holes M K N A L AG H K M L AD L K M N |