データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PC06E8-2S. データシート(PDF) 21 Page - Amphenol Corporation

部品番号 PC06E8-2S.
部品情報  Amphenol Miniature Cylindrical Connectors
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMPHENOL [Amphenol Corporation]
ホームページ  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PC06E8-2S. データシート(HTML) 21 Page - Amphenol Corporation

Back Button PC06E8-2S. Datasheet HTML 17Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 18Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 19Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 20Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 21Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 22Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 23Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 24Page - Amphenol Corporation PC06E8-2S. Datasheet HTML 25Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
19
D
C
B
E
L
A
H
K
L
TERMINATION ASSEMBLIES
“E” Open Wire Seal, “E” (SR) Strain Relief
“P” Potting Boot 75 degrees
PT08E-XX-XXX
SP08E-XX-XXX
PT08E-XX-XXX (SR)
SP08E-XX-XXX (SR)
PT08P-XX-XXX
SP08P-XX-XXX
To complete part number see how to order on page 27.
All lockwire holes are .044 Dia. Min.
All dimensions for reference only.
Shell
Size
Plug Front View
Plug Side View
G
Dia.
Max.
Class “E”, “E” (SR)
Class “P”
B
±.031
C
+.010
–.025
D
±.062
E
+.047
–.025
L
±.057
A
±.025
H
±.015
K
±.015
L
Max.
8
.796
.655
.169
.941
.339
1.786
.469
.312
.438
1.656
10
.921
.749
.170
1.191
.393
1.880
.547
.438
.562
1.781
12
1.046
.812
.264
1.191
.450
1.965
.625
.516
.688
1.843
14
1.171
.905
.310
1.254
.519
2.113
.734
.625
.781
1.953
16
1.297
1.030
.330
1.316
.583
2.315
.750
.656
.890
2.000
18
1.422
1.015
.444
1.562
.621
2.423
.781
.703
1.000
2.046
20
1.562
1.077
.510
1.625
.683
2.695
.859
.766
1.125
2.218
22
1.672
1.139
.515
1.719
.739
2.742
.906
.812
1.234
2.265
24
1.797
1.265
.656
1.751
.797
2.980
1.169
.918
1.374
2.624
PT08 E
SP08 E
90 degree plug
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80