| データシートサーチシステム |
|
PC06E8-2S. データシート(PDF) 25 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
PC06E8-2S. データシート(HTML) 25 Page - Amphenol Corporation |
|
25 / 80 page ![]() 23 *PT IH-XX-XXX ** PT IY-XX-XXX ** MS3113H-XXCXXX †PT IH-XX-XXX (100) †† PT IY-XX-XXX (100) †† MS3113H-XXYXXX All dimensions for reference only. Shell Size Recept. Front View Receptacle Side View G Dia. Max. A Dia. +.001 –.005 L +.025 –.016 N Dia. +.001 –.005 W +.011 –.010 Z Max. 6 .511 .348 .447 .438 .094 .386 8 .636 .473 .447 .562 .094 .386 10 .761 .590 .447 .672 .094 .386 12 .855 .750 .447 .781 .094 .386 14 .980 .875 .447 .906 .094 .386 16 1.105 1.000 .447 1.031 .094 .386 18 1.229 1.125 .447 1.156 .094 .386 20 1.323 1.250 .509 1.250 .094 .386 22 1.449 1.375 .509 1.375 .125 .418 24 1.574 1.500 .542 1.500 .125 .418 PT IH (MS3113H) hermetic solder mounting receptacle To complete part number see how to order on page 27. * Solder cup pin contacts without interfacial seal ** Solder cup pin contacts with interfacial seal † Flat eyelet pin contacts without interfacial seal †† Flat eyelet pin contacts with interfacial seal G AN W L Z .031 +.006 –.005 |