| データシートサーチシステム |
|
PC06E8-2S. データシート(PDF) 23 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
PC06E8-2S. データシート(HTML) 23 Page - Amphenol Corporation |
|
23 / 80 page ![]() 21 * PTB-XX-XXX * SPB-XX-XXX * To complete part number add desired arrangement number (refer to pages 4 and 5 for insert availability) and add “PS”; Example: PTB-18-32PS. If a rotation is required, use PTB-18-32PS and add W, X, Y or Z. Example: PTB-18-32 PSW. The socket end of the insert always appears at the “P” dimension end of shell. ■ (MMC) located within .0025 of (TP) All dimensions for reference only. Shell Size Receptacle Front View Receptacle Side View R (TP) S A +.001 –.005 K +.016 –.000 L ±.005 M +.010 –.000 P Max. PTB SPB PTB SPB PTB SPB 6 .469 .641 .688 .953 .348 .625 1.050 .562 .125 .188 8 .594 .734 .812 1.047 .473 .625 1.050 .562 .125 .188 10 .719 .812 .938 1.125 .590 .625 1.050 .562 .125 .188 12 .812 .938 1.031 1.250 .750 .625 1.050 .562 .125 .188 14 .906 1.031 1.125 1.344 .875 .625 1.050 .562 .125 .188 16 .969 1.125 1.219 1.438 1.000 .625 1.050 .562 .125 .188 18 1.062 1.203 1.312 1.516 1.125 .625 1.050 .562 .125 .188 20 1.156 1.297 1.438 1.672 1.250 .781 1.330 .688 .125 .312 22 1.250 1.375 1.562 1.750 1.375 .781 1.330 .688 .125 .312 24 1.375 1.500 1.688 1.875 1.500 .781 1.330 .688 .125 .312 PTB SPB thru bulkhead receptacle S S R (TP) R (TP) PTB .120 ± .005 Dia. (.147 ± .005 Dia., size 24) SPB .150 ± .005 Dia. L M P A A K 4 Holes |