データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SLAS191A データシート(PDF) 55 Page - Texas Instruments

部品番号 SLAS191A
部品情報  Starter Kit Evaluation Kit Manual
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SLAS191A データシート(HTML) 55 Page - Texas Instruments

Back Button SLAS191A Datasheet HTML 51Page - Texas Instruments SLAS191A Datasheet HTML 52Page - Texas Instruments SLAS191A Datasheet HTML 53Page - Texas Instruments SLAS191A Datasheet HTML 54Page - Texas Instruments SLAS191A Datasheet HTML 55Page - Texas Instruments SLAS191A Datasheet HTML 56Page - Texas Instruments SLAS191A Datasheet HTML 57Page - Texas Instruments SLAS191A Datasheet HTML 58Page - Texas Instruments SLAS191A Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 86 page
background image
2–19
g
The g command starts/restarts the user application that is loaded into RAM. The system retrieves
the start vector of a user’s application from memory location (3FEh on the 320 STK/EVK, 5FEh on
the 330 EVK) if a new program is loaded, or after executing a PUC command or a user reset.
Otherwise, the program execution continues with the actual PC (R0). Return to the Monitor occurs
after pressing any key on the keyboard. The g command functions as stated if the user application
is not running in an interrupt routine (GIE=0 if interrupt nesting is not allowed), and the user
application has not disabled the GIE bit.
Enter g to start the user application
>init
MSP–STK430A320
>@0300
31 40 00 04 B2 40 80 5A 20 01 07 43 17 53 FE 3F
@03FE
00 03
q
>downloaded _PC_ _SP_ _SR_
reg 0000 : 0300 03de 0008 0000 f48c 1d14 0069 000e
reg 0008 : 1a28 4032 0000 ffd0 4040 6803 e2c2 07a0
>go.._
Figure 2–20. Starting the Application Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86