| データシートサーチシステム |
|
SLAS191A データシート(PDF) 29 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SLAS191A データシート(HTML) 29 Page - Texas Instruments |
|
29 / 86 page ![]() 1–23 Enter The g-command to start the program Press <ESC> to Interrupt the program Enter the u-command to execute a user reset Enter the s-command to set a breakpoint Enter the address of the breakpoint Enter the g-command to start the program Automatic stop on breakpoint Press the SPACE key to execute a single step >downloaded _PC_ _SP_ _SR_ reg 000: 0240 03de 0008 0000 f48c 0010 0000 15de reg 0008 0e62 404d 0000 ffd0 2153 0e14 28ad feff >go . . >user break _PC_ _SP_ _SR_ reg 0000 0260 03de 0009 0000 f48c 0000 0000 15de reg 0008 0e62 404d 0000 ffd0 2153 0e14 28ad 34af >user reset _PC_ _SP_ _SR_ reg 0000 0240 03de 0008 0000 f48c 0000 0000 15de reg 0008 0e62 404d 0000 ffd0 2153 0e14 28ad 34af >set Bkpt 0000 0000 0264 > >go_ >BP halted _PC_ _SP_ _SR_ reg 0000 0264 03de 000b 0000 f48c 0000 0000 15de reg 0008 0e62 404d 0000 ffd0 2153 0e14 28ad 0000 >step >>executed _PC_ _SP_ _SR_ reg 0000 026a 03de 0008 0000 f48c 0000 0000 15de reg 0008 0e62 404d 0000 ffd0 2153 0e14 28ad 0000 > Figure 1–19. Terminal Breakpoint 1.2.12 Accessing the Port on the MSP430x320 STK/EVK Assemble and download the file gs_stk3.asm in the examples directory, as described previously. Press the trigger button on the demo to start the program. Press the trigger button to toggle the display between 0 and 1. The following instructions are necessary: ;––– Init Port BIC.B #01h,P0DIR ; Set P0.0 as input BIC.B #01h,POIE ; Disable P0.0 interrupt ;––– Test of Port |