データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SLAS191A データシート(PDF) 71 Page - Texas Instruments

部品番号 SLAS191A
部品情報  Starter Kit Evaluation Kit Manual
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SLAS191A データシート(HTML) 71 Page - Texas Instruments

Back Button SLAS191A Datasheet HTML 67Page - Texas Instruments SLAS191A Datasheet HTML 68Page - Texas Instruments SLAS191A Datasheet HTML 69Page - Texas Instruments SLAS191A Datasheet HTML 70Page - Texas Instruments SLAS191A Datasheet HTML 71Page - Texas Instruments SLAS191A Datasheet HTML 72Page - Texas Instruments SLAS191A Datasheet HTML 73Page - Texas Instruments SLAS191A Datasheet HTML 74Page - Texas Instruments SLAS191A Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 86 page
background image
5–5
5.4
Transmitting One Character
To transmit one character, copy AA55h to memory location 3DEh, or memory location 5DEh for the
MSP430X33x family. Store the character to transmit in RAM-location 020Eh.
TX:
MOV
#0AA55h,&03DEh
; &05DEh for MSP430X33x
MOV.B
#‘a’,&TX_Data
; put char to TX_Data
Call the function TX_Char to transmit the character stored at location 20Eh.
call
&0FFD2h
; call of TX_Char
The function TX_Char includes the call of TX_prep implicit which prepares the half-duplex software UART
to receive. Therefore, it is not necessary to call TX_Prep before calling TX_Char.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86