| データシートサーチシステム |
|
SLAS191A データシート(PDF) 31 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SLAS191A データシート(HTML) 31 Page - Texas Instruments |
|
31 / 86 page ![]() 1–25 Set a breakpoint at address 025Eh, and single step through the program. A longer reaction time can be expected for any step beyond address 025Eh. At this time, the CPU is off and waiting for the Basic Timer interrupt. NOTE: Only two breakpoints may be set at any one time. >step >executed _PC_ _SP_ _SR_ reg 0000 : 0268 03de 0008 0000 f48c 0000 6ed4 10df reg 0008 : 0c62 409e 0000 ffd0 2051 0e14 28ac f84e >step >executed _PC_ _SP_ _SR_ reg 0000 : 026a 03de 0008 0000 f48c 0000 6ed4 10df reg 0008 : 0c62 409e 0000 ffd0 2051 0e14 28ac f84e >step >executed _PC_ _SP_ _SR_ reg 0000 : 0270 03de 0008 0000 f48c 0000 6ed4 10df reg 0008 : 0c62 409e 0000 ffd0 2051 0e14 28ac f84e >step >executed _PC_ _SP_ _SR_ reg 0000 : 025e 03de 0008 0000 f48c 0000 6ed4 10df reg 0008 : 0c62 409e 0000 ffd0 2051 0e14 28ac f84e >step >executed _PC_ _SP_ _SR_ reg 0000 : 0262 03de 0008 0000 f48c 0000 6ed4 10df reg 0008 : 0c62 409e 0000 ffd0 2051 0e14 28ac f84e > Figure 1–21. Terminal | Interrupt 1.3 Loading a Program Into the EPROM Via the Terminal After debugging, the program is ready to load. The program is loaded to the EPROM for the EVK, or ROM for the STK. The STK requires a programming voltage. The EVK requires a jumper between pins 13 and 14 of the programming connector. Figure 1–22 show the locations for the programming voltage and the connector jumper. |