データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM79C90PC データシート(PDF) 8 Page - Advanced Micro Devices

部品番号 AM79C90PC
部品情報  CMOS Local Area Network Controller for Ethernet (C-LANCE)
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C90PC データシート(HTML) 8 Page - Advanced Micro Devices

Back Button AM79C90PC Datasheet HTML 4Page - Advanced Micro Devices AM79C90PC Datasheet HTML 5Page - Advanced Micro Devices AM79C90PC Datasheet HTML 6Page - Advanced Micro Devices AM79C90PC Datasheet HTML 7Page - Advanced Micro Devices AM79C90PC Datasheet HTML 8Page - Advanced Micro Devices AM79C90PC Datasheet HTML 9Page - Advanced Micro Devices AM79C90PC Datasheet HTML 10Page - Advanced Micro Devices AM79C90PC Datasheet HTML 11Page - Advanced Micro Devices AM79C90PC Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
AMD
P R E L I M I N A R Y
8
Am79C90
FUNCTIONAL DESCRIPTION
The parallel interface of the CMOS Local Area Network
Controller for Ethernet (C-LANCE) has been designed
to be “friendly” or easy to interface to a variety of popular
microprocessors. These microprocessors include the
Am29000, 80x86, 680x0, Z8000 and LSI-11. The
C-LANCE has a 24-bit wide linear address space when
it is in the Bus Master Mode. A programmable mode of
operation allows byte addressing in one of two ways:
a Byte/Word control signal compatible with the 80x86
and Z8000 or an Upper Data Strobe and Lower Data
Strobe signal compatible with microprocessors such as
the 68000. A programmable polarity on the Address
Strobe signal eliminates the need for external logic. The
C-LANCE interfaces with both multiplexed and de-
multiplexed data busses and features control signals for
address/data bus transceivers. The C-LANCE is pin-for-
pin compatible with AMD’s LANCE device (Am7990).
Please refer to Appendix B for a complete comparison
between the C-LANCE and LANCE devices.
A16–A23
DAL0–DAL15
CPU
ALE
Buffer
Buffer
Data and
Address
Bits 0–15
Address
Bits
16–23
Control
Decoder
Buffer
Latch
DAL0–DAL15 A16–A23 Control
ALE
A16–A23
C-LANCE
ALE
ADR
CS
DAL0 – DAL15
A16–A23
17881B-5
Figure 1. C-LANCE/CPU Interfacing Multiplexed Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62