データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM8L151F3P6 データシート(PDF) 111 Page - STMicroelectronics

部品番号 STM8L151F3P6
部品情報  8-bit ultralow power MCU, up to 8 KB Flash, up to 256 B data EEPROM, RTC, timers, USART, I2C, SPI, ADC, comparators
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151F3P6 データシート(HTML) 111 Page - STMicroelectronics

Back Button STM8L151F3P6 Datasheet HTML 104Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 105Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 106Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 107Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 108Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 109Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 110Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 111Page - STMicroelectronics STM8L151F3P6 Datasheet HTML 112Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 111 / 112 page
background image
STM8L151x2, STM8L151x3
Revision history
Doc ID 018780 Rev 4
111/112
12
Revision history
Table 63.
Document revision history
Date
Revision
Changes
08-Jun-2011
1
Initial release
02-Sep-2011
2
Modified Figure 8: Memory map on page 33.
Modified OPT1 description in Table 12: Option byte addresses on
page 52
Modified tprog in Table 36: Flash program and data EEPROM
memory on page 79
Modified Figure 32: Recommended NRST pin configuration on
page 88
Modified L2 in Figure 47: UFQFPN20 - 20-lead ultra thin fine pitch
quad flat package outline (3x3) on page 110
PM0051 replaced with PM0054 and UM0320 replaced with
UM0470.
09-Feb-2012
3
Added part number STM8L151C2.
Figure 3 and Figure 4: updated titles.
Table 4: Low density STM8L15xxx pin description: updated OD
column of NRST/PA1 pin.
Figure 43: UFQFPN32 - 32-lead ultra thin fine pitch quad flat no-
lead package outline (5 x 5): removed the line over A1.
Figure 45: UFQFPN28 package outline: replaced to improve
readability of UFQFPN28 package dimensions A, L, and L1.
Figure 46: Recommended UFQFPN28 footprint (dimensions in
mm): updated title.
Figure 48: UFQFPN20 recommended footprint (dimensions in mm):
added.
Table 62: TSSOP20 - 20-pin thin shrink small outline package
mechanical data: updated title.
06-Jul-2012
4
Added “I/O level” in Table 3: Legend/abbreviation for table 4 and
Table 4: Low density STM8L15xxx pin description on page 27
Updated Figure 47: UFQFPN20 - 20-lead ultra thin fine pitch quad
flat package outline (3x3) on page 107
Updated Figure 35: SPI1 timing diagram - master mode(1) on
page 82
Updated Table 11: Voltage characteristics on page 50, Table 34: I/O
static characteristics on page 73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More