データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS3677 データシート(PDF) 16 Page - ams AG

部品番号 AS3677
部品情報  Triple Channel Lighting Management Unit with DCDC step/up, ALS, 2xDLS(=DBC) and RGB Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS3677 データシート(HTML) 16 Page - ams AG

Back Button AS3677 Datasheet HTML 12Page - ams AG AS3677 Datasheet HTML 13Page - ams AG AS3677 Datasheet HTML 14Page - ams AG AS3677 Datasheet HTML 15Page - ams AG AS3677 Datasheet HTML 16Page - ams AG AS3677 Datasheet HTML 17Page - ams AG AS3677 Datasheet HTML 18Page - ams AG AS3677 Datasheet HTML 19Page - ams AG AS3677 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 68 page
background image
www.austriamicrosystems.com/AS3677
1v3-1
15 - 67
AS3677
Datasheet - D e ta i l e d D e s c r i p t i o n
Figure 14. Automatic Mode Switching
8.3.2
Soft Start
An implemented soft start mechanism reduces the inrush current. Battery current is smoothed when switching the
charge pump on and also at each switching condition. This precaution reduces electromagnetic radiation significantly.
8.3.3 Unused Charge Pump
If the charge pump is not used, capacitors C4 and C5 (not C2) can be removed. The pins C1_P, C1_N and CPOUT
should be left open and keep register cp_on and cp_auto_on at 0 (default value).

 
 

!"#$
"
% "&'" %
 !( % '
)
)
*$"  
% + %

,
##
-*.
-/ 
0-
0-
$ 
$ 
0-1
$1
2
AS3677



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68