| データシートサーチシステム |
|
CS4953 データシート(PDF) 17 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS4953 データシート(HTML) 17 Page - Cirrus Logic |
|
17 / 44 page ![]() CS4952/53 DS223PP2 17 NTSC Interlaced The CS4952/3 supports NTSC-M and PAL-M modes where there are 525 total lines per frame and two fixed 262.5 line fields per frame and 30 total frames occuring per second. Please reference Fig- ure 9 for NTSC interlaced vertical timing. Each field consists of 1 line for closed caption, 240 ac- tive lines of video plus 21.5 lines of blanking. VSYNC field one transistions low at the beginning of line 4 and will remain low for 3 lines or (858 x 3) 2574 pixel cycles. The CS4952/3 exclusively re- serves line 21 of field one for closed caption inser- tion. Digital video input is expected to be delivered to the CS4952/3 V [7:0] pins for 240 lines begin- ning on active video lines 22 and continuing through line 261. VSYNC field two transistions low in the middle of line 266 and stays low for 3 lines times and transitions high in the middle of line 269. The CS4952/3 exclusively reserves line 284 of field two for closed caption insertion. Video input on the V [7:0] pins is expected between lines 285 through line 525. PAL Interlaced The CS4952/3 supports PAL modes B, D, G, H, I, N, and Combination N where there are 625 total lines per frame and two fixed 312.5 line fields per frame and 25 total frames occuring per second. Please reference Figure 10 for PAL interlaced ver- tical timing. Each field consists of 288 active lines of video plus 24.5 lines of blanking. Figure 9. NTSC Video Interlaced Timming 523 524 525 1 2 3 4 5 6 7 8 9 VSYNC* Drops 10 22 Analog Field 1 261 262 263 Analog Field 2 285 284 272 271 270 269 268 267 266 265 264 523 524 525 1 2 3 4 5 6 7 8 9 VSYNC* Drops 10 22 Analog Field 3 261 262 263 Analog Field 4 285 284 272 271 270 269 268 267 266 265 264 Burst begins with positive half-cycle Burst begins with negative half-cycle |