| データシートサーチシステム |
|
MPC7457 データシート(PDF) 60 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC7457 データシート(HTML) 60 Page - Freescale Semiconductor, Inc |
|
60 / 71 page ![]() MPC7457 RISC Microprocessor Hardware Specifications, Rev. 8 System Design Information Freescale Semiconductor 60 9.8 Thermal Management Information This section provides thermal management information for the ceramic ball grid array (CBGA) package for air-cooled applications. Proper thermal control design is primarily dependent on the system-level design—the heat sink, airflow, and thermal interface material. To reduce the die-junction temperature, heat sinks may be attached to the package by several methods—spring clip to holes in the printed-circuit board or package, and mounting clip and screw assembly (see Figure 27); however, due to the potential large mass of the heat sink, attachment through the printed-circuit board is suggested. If a spring clip is used, the spring force should not exceed 10 pounds. Figure 27. Package Exploded Cross-Sectional View with Several Heat Sink Options The board designer can choose between several types of heat sinks to place on the MPC7457. There are several commercially available heat sinks for the MPC7457 provided by the following vendors: Aavid Thermalloy 603-224-9988 80 Commercial St. Concord, NH 03301 Internet: www.aavidthermalloy.com Alpha Novatech 408-749-7601 473 Sapena Ct. #15 Santa Clara, CA 95054 Internet: www.alphanovatech.com Calgreg Thermal Solutions 401-732-8100 60 Alhambra Road Warwick, RI 02886 Internet: www.calgregthermalsolutions.com International Electronic Research Corporation (IERC) 818-842-7277 413 North Moss St. Burbank, CA 91502 Internet: www.ctscorp.com Thermal Heat Sink CBGA Package Heat Sink Clip Printed-Circuit Board Interface Material |