| データシートサーチシステム |
|
FC80960HD32SL2GL データシート(PDF) 41 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
FC80960HD32SL2GL データシート(HTML) 41 Page - Intel Corporation |
|
41 / 102 page ![]() 80960HA/HD/HT Advance Information Datasheet 35 TIH2 Input Hold for READY,BTERM, HOLD, and BOFF 2.5 ns Relative Output Timings (1,2,3,6,10) TAVSH1 A31:2 Valid to ADS Rising T – 5 T + 5 ns (10) TAVSH2 BE3:0,W/R,SUP,D/C Valid to ADS Rising T – 5 T + 5 ns (10) TAVEL1 A31:2 Valid to DEN Falling T – 5 T + 5 ns (10) TAVEL2 BE3:0,W/R,SUP ValidtoDEN Falling T – 5 T + 5 ns (10) TNLQV WAIT Falling to Output Data Valid -5 5 ns (10) TDVNH Output Data Valid to WAIT Rising -5 + N*T 5 + N*T ns (4,10) TNLNH WAIT Falling to WAIT Rising -4 + N*T 4 + N*T ns (4,10) TNHQX Output Data Hold after WAIT Rising -5 + (N+1)*T 5 + (N+1)*T ns (5,10) TEHTV DT/R Hold after DEN High T/2 – 5 Infinite ns (10) TTVEL DT/R Valid to DEN Falling 80960HA 80960HD 80960HT T/2 – 4 T/4 – 4 T/6 – 4 ns ns ns (10) Relative Input Timings (1,7,10) TIS7 XINT7:0,NMI Input Setup 6 ns (9) TIH7 XINT7:0,NMI Input Hold 2.5 ns (9) TIS8 RESET Input Setup 3 ns (8) TIH8 RESET Input Hold T/4 + 1 ns (8) Table 22. 80960Hx AC Characteristics (Sheet 2 of 2) Per conditions in Section 4.2, “Operating Conditions” on page 29 and Section 4.7.1, “AC Test Conditions” on page 37. Symbol Parameter Min Max Units Notes NOTE: See Table 23 “AC Characteristics Notes” on page 36 for all notes related to AC specifications. |