| データシートサーチシステム |
|
FC80960HD32SL2GL データシート(PDF) 71 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
FC80960HD32SL2GL データシート(HTML) 71 Page - Intel Corporation |
|
71 / 102 page ![]() 80960HA/HD/HT Advance Information Datasheet 65 Figure 48. Terminating a Burst with BTERM CLKIN ADS A31:4, SUP, DT/R DEN READY W/R CT3:0, D/C, BLAST BTERM A3:2 WAIT D31:0, BE3:0,LOCK D0 D1 D2 D3 Valid Quad-Word Read Request NRAD =0, NRDD =0, NRDA =0 Ready Enabled 00 01 10 11 Note:READY adds memory access time to data transfers, whether or not the bus access is a burst access. BTERM interrupts a bus access, whether or not the bus access has more data transfers pending. Either the READY signal or the BTERM signal terminates a bus access when the signal is asserted during the last (or only) data transfer of the bus access. See Note DP3:0 PCHK D1 A D 1 D AA 1 D 1 |