データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FC80960HD32SL2GL データシート(PDF) 46 Page - Intel Corporation

部品番号 FC80960HD32SL2GL
部品情報  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

FC80960HD32SL2GL データシート(HTML) 46 Page - Intel Corporation

Back Button FC80960HD32SL2GL Datasheet HTML 42Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 43Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 44Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 45Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 46Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 47Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 48Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 49Page - Intel Corporation FC80960HD32SL2GL Datasheet HTML 50Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 102 page
background image
80960HA/HD/HT
40
Advance Information Datasheet
Figure 15. Hold Acknowledge Timings
Figure 16. Bus Backoff (BOFF) Timings
CLKIN
1.5 V
1.5 V
1.5 V
HOLD
TIS
TIH
1.5 V
TIH
TIS
HOLDA
TOV1
Min
Min
Min
Min
TOV1
Max
Min
Max
Min
TOH1
TOH1
TOV TOH — OUTPUT DELAY - The maximum output delay is referred to as the Output Valid Delay (TOV).
The minimum output delay is referred to as the Output Hold (TOH).
TIS TIH — INPUT SETUP AND HOLD - The input setup and hold requirements specify the sampling window
during which synchronous inputs must be stable for correct processor operation.
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
CLKIN
1.5 V
1.5 V
1.5 V
BOFF
TIS
TIH
TIH
TIS
1.5 V
1.5 V
1.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More