データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN2021 データシート(PDF) 20 Page - STMicroelectronics

部品番号 AN2021
部品情報  The ST10F272B and ST10F272E are members of the STMicroelectronics
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2021 データシート(HTML) 20 Page - STMicroelectronics

Back Button AN2021 Datasheet HTML 16Page - STMicroelectronics AN2021 Datasheet HTML 17Page - STMicroelectronics AN2021 Datasheet HTML 18Page - STMicroelectronics AN2021 Datasheet HTML 19Page - STMicroelectronics AN2021 Datasheet HTML 20Page - STMicroelectronics AN2021 Datasheet HTML 21Page - STMicroelectronics AN2021 Datasheet HTML 22Page - STMicroelectronics AN2021 Datasheet HTML 23Page - STMicroelectronics AN2021 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
Modified features
AN2021
20/39
1.9.1
Hardware impact
Port0 configuration might be changed with regards to the new PLL factor.
All configurations need a crystal (or ceramic resonator) to generate the CPU clock through
the internal oscillator amplifier, except for the Direct Drive mode (oscillator amplifier
disabled, so no crystal or resonator can be used). Vice versa, the clock can be forced
through an external clock source only in Direct Drive mode.
The components on XTAL1 and XTAL2 (crystal and capacitors, or resonator) must be
changed as:
the input frequency range is now reduced
it is no longer possible to use a crystal or a ceramic resonator in direct drive mode
it is no longer possible to use a PLL factor with a frequency generator
the electrical characteristics of the main oscillator have changed (transconductance)
1.9.2
Software impact
None.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39