データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN2021 データシート(PDF) 25 Page - STMicroelectronics

部品番号 AN2021
部品情報  The ST10F272B and ST10F272E are members of the STMicroelectronics
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2021 データシート(HTML) 25 Page - STMicroelectronics

Back Button AN2021 Datasheet HTML 21Page - STMicroelectronics AN2021 Datasheet HTML 22Page - STMicroelectronics AN2021 Datasheet HTML 23Page - STMicroelectronics AN2021 Datasheet HTML 24Page - STMicroelectronics AN2021 Datasheet HTML 25Page - STMicroelectronics AN2021 Datasheet HTML 26Page - STMicroelectronics AN2021 Datasheet HTML 27Page - STMicroelectronics AN2021 Datasheet HTML 28Page - STMicroelectronics AN2021 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
AN2021
New features
25/39
2.4
Additional ports input control
The possibility to select between TTL and CMOS-like input thresholds has been extended to
Ports 0, 1 and 5 via the XPICON register.
2.4.1
Hardware impact
None.
2.4.2
Software impact
None.
ST10F272: XPICON (EB26h)
XREG
Reset value: --00h
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
P5
HIN
P5
LIN
P1
HIN
P1
LIN
P0
HIN
P0
LIN
-
R/W
R/W
R/W
R/W
R/W
R/W
Table 14.
XPICON register description
Bit
Function
Reset value
PxLIN
Port x Low Byte Input Level Selection
0: Pins Px.7..0 switch on standard TTL input levels
1: Pins Px.7..0 switch on CMOS input levels
0
PxHIN
Port x High Byte Input Level Selection
0: Pins Px.15..8 switch on standard TTL input levels
1: Pins Px.15..8 switch on CMOS input levels
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39