データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3397 データシート(PDF) 9 Page - STMicroelectronics

部品番号 AN3397
部品情報  Temperature sensor example using the STM8L-DISCOVERY board
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3397 データシート(HTML) 9 Page - STMicroelectronics

Back Button AN3397 Datasheet HTML 5Page - STMicroelectronics AN3397 Datasheet HTML 6Page - STMicroelectronics AN3397 Datasheet HTML 7Page - STMicroelectronics AN3397 Datasheet HTML 8Page - STMicroelectronics AN3397 Datasheet HTML 9Page - STMicroelectronics AN3397 Datasheet HTML 10Page - STMicroelectronics AN3397 Datasheet HTML 11Page - STMicroelectronics AN3397 Datasheet HTML 12Page - STMicroelectronics AN3397 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AN3397
Temperature sensor application description
Doc ID 018809 Rev 1
9/24
2
Temperature sensor application description
2.1
Updating the firmware
The STM8L program memory needs to be updated with the latest firmware version
associated with this application note. This firmware is available on www.st.com
(www.st.com/stm8l-discovery). For information on how to proceed, please read UM1014
(Getting started with STM8L-DISCOVERY).
2.2
Hardware required
The temperature sensor application uses the STM8L-DISCOVERY on-board 6-digit/4-bar
LCD glass display and user push-button. No additional components are required.
Figure 2.
Temperature sensor application block diagram
1.
Legend: Green LED = LD3 green; Blue LED = LD4 blue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24