データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3397 データシート(PDF) 21 Page - STMicroelectronics

部品番号 AN3397
部品情報  Temperature sensor example using the STM8L-DISCOVERY board
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3397 データシート(HTML) 21 Page - STMicroelectronics

Back Button AN3397 Datasheet HTML 16Page - STMicroelectronics AN3397 Datasheet HTML 17Page - STMicroelectronics AN3397 Datasheet HTML 18Page - STMicroelectronics AN3397 Datasheet HTML 19Page - STMicroelectronics AN3397 Datasheet HTML 20Page - STMicroelectronics AN3397 Datasheet HTML 21Page - STMicroelectronics AN3397 Datasheet HTML 22Page - STMicroelectronics AN3397 Datasheet HTML 23Page - STMicroelectronics AN3397 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AN3397
Software description
Doc ID 018809 Rev 1
21/24
Figure 7.
Infinite routine flowchart
While(1)
Advanced mode ?
Forced calibration flag set ?
Display ‘CAL ...’ on LCD screen
Execute the calibration
routine user_calib()
Wakeup flag set ?
Temperature = average of last
20 temperature measurements
D
Yes
Yes
Yes
Yes
No
No
C
C
No
No
Temperature measurement
performed by ADC
Number of samples > 20
ai18765
5-minute counter expired ?
Is temperature > temperature
measured 5 mins before ?
B
BAR 3 displayed on the LCD screen
No bar displayed on the LCD
Is temperature > maximum
temperature recorded so far ?
Maximum temp = current temp
User push-button used to disply
max, min, and current temperature
D
Yes
Yes
Yes
C
No
No
No
No
Yes
No
Is temperature < temperature
measured 5 mins before ?
BAR 0 displayed on the LCD screen
Is temperature < minimum
temperature recorded so far ?
Minimum temp = current temp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24