データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3397 データシート(PDF) 20 Page - STMicroelectronics

部品番号 AN3397
部品情報  Temperature sensor example using the STM8L-DISCOVERY board
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3397 データシート(HTML) 20 Page - STMicroelectronics

Back Button AN3397 Datasheet HTML 16Page - STMicroelectronics AN3397 Datasheet HTML 17Page - STMicroelectronics AN3397 Datasheet HTML 18Page - STMicroelectronics AN3397 Datasheet HTML 19Page - STMicroelectronics AN3397 Datasheet HTML 20Page - STMicroelectronics AN3397 Datasheet HTML 21Page - STMicroelectronics AN3397 Datasheet HTML 22Page - STMicroelectronics AN3397 Datasheet HTML 23Page - STMicroelectronics AN3397 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Software description
AN3397
20/24
Doc ID 018809 Rev 1
3.2.3
Infinite routine flowchart
This routine is continuously executed to manage application behavior as follows:
●
Checks that ‘forced’ calibration is performed (in Advanced mode).
●
Measures the temperature and displays it on the LCD screen.
●
Manages the LCD bar graph to display the temperature variation over the last five
minutes (see Section 2.4: Temperature sensor application principle for details).
●
Manages the user push-button in order to alternatively display the current temperature,
and the minimum and maximum temperatures recorded since the STM8L-Discovery
power-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24