データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3397 データシート(PDF) 17 Page - STMicroelectronics

部品番号 AN3397
部品情報  Temperature sensor example using the STM8L-DISCOVERY board
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3397 データシート(HTML) 17 Page - STMicroelectronics

Back Button AN3397 Datasheet HTML 13Page - STMicroelectronics AN3397 Datasheet HTML 14Page - STMicroelectronics AN3397 Datasheet HTML 15Page - STMicroelectronics AN3397 Datasheet HTML 16Page - STMicroelectronics AN3397 Datasheet HTML 17Page - STMicroelectronics AN3397 Datasheet HTML 18Page - STMicroelectronics AN3397 Datasheet HTML 19Page - STMicroelectronics AN3397 Datasheet HTML 20Page - STMicroelectronics AN3397 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AN3397
Software description
Doc ID 018809 Rev 1
17/24
Figure 5.
Main TS application routine flowchart
START
Yes
No
No
Yes
No
Yes
Yes
No
A
A
interrupt sensitivity, Init LCD, ADC,
Initialize variables, GPIO, configure
RTC peripherals
Enable interrupts
Advanced mode ?
Factory byte (V90)
programmed ?
Calibration done before ?
VAMBIENT is copied from Data
EEPROM location, V90 is copied
from factory-calibrated location
The factory-calibrated value (V90)
is within range ?
Execute the calibration
routine user-calib()
Avg_slope, V90 = Default values
Execute ‘HALT’ instruction to
enter Low power mode
Avg_slope = V90 - VAMBIENT/T90 - TAMBIENT
Infinite routine while(1)
Yes
ai18763
Switch off
blue LED
Switch on blue LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24