データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3397 データシート(PDF) 19 Page - STMicroelectronics

部品番号 AN3397
部品情報  Temperature sensor example using the STM8L-DISCOVERY board
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3397 データシート(HTML) 19 Page - STMicroelectronics

Back Button AN3397 Datasheet HTML 15Page - STMicroelectronics AN3397 Datasheet HTML 16Page - STMicroelectronics AN3397 Datasheet HTML 17Page - STMicroelectronics AN3397 Datasheet HTML 18Page - STMicroelectronics AN3397 Datasheet HTML 19Page - STMicroelectronics AN3397 Datasheet HTML 20Page - STMicroelectronics AN3397 Datasheet HTML 21Page - STMicroelectronics AN3397 Datasheet HTML 22Page - STMicroelectronics AN3397 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AN3397
Software description
Doc ID 018809 Rev 1
19/24
Figure 6.
User calibration routine flowchart
ai18764
User_calib()
V90 is copied from factory
calibrated location
The factory calibrated
value (V90) is within range ?
Temperature measurement
performed by ADC
End
Yes
Yes
No
No
Number of samples > 20
VAMBIENT = average of last
20 temperature measurements
Avg_slope = V90 - VAMBIENT/T90 - TAMBIENT
location
VAMBIENT is stored in the Data EEPROM
Display ‘CALOK’ on LCD screen
Avg_slope, V90 = default values
Display ‘CALERR’ on LCD screen



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24