| データシートサーチシステム |
|
ST9 データシート(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST9 データシート(HTML) 35 Page - STMicroelectronics |
|
35 / 146 page ![]() 35/146 ST9 USER GUIDE If the mask is a byte whose binary value is 11000000, only the left-most two bits of the un- known value will be tested, and a later branch if zero will be taken or not according only to these bits. As shown below, the same mask is used for two values that differ only by one bit: Two more instructions, tcm and tcmw, work essentially the same way, but they take the com- plement of the value to be tested before ANDing it with the mask, as follows: tcm value, mask The same two cases will provide the following results: The jump would be taken if the byte to be tested had two 1’s in its most significant two bits, for example 11110101. 3.3.1.3 Push and Pop Since there are two stacks, there are two kinds of push and pop instructions. The mnemonics push, pushw, pop and popw act on the system stack, which can be either in the register space or in the memory space. The mnemonics pushu, pushuw, popu and popuw act on the user stack, that can also be either in the register space or the memory space. The stack pointer used in each case is the SSPR or the USPR register pair respectively. The stack pointers are always decremented before writing on pushing, and they are incremented after reading on popping. Thus the stack pointer always points to the last byte written. This is worth knowing if you need to manipulate the stack contents. The operands to be pushed can be a register, a pair of registers or an immediate value: 000110 101 Byte to be tested 1 0110 101 110000 000 Mask used for testing 1 1000 000 000000 000 Result of the logical AND operation 1 0000 000 jump taken Result of the “jump if zero” jump not taken 000110 101 Byte to be tested 1 0110 101 111001 010 Complement of the byte to be tested 0 1001 010 110000 000 Mask used for testing 1 1000 000 110000 000 Result of the logical AND operation 0 1000 000 jump not taken Result of the “jump if zero” jump not taken |