データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST9 データシート(PDF) 40 Page - STMicroelectronics

部品番号 ST9
部品情報  USER GUIDE
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9 データシート(HTML) 40 Page - STMicroelectronics

Back Button ST9 Datasheet HTML 36Page - STMicroelectronics ST9 Datasheet HTML 37Page - STMicroelectronics ST9 Datasheet HTML 38Page - STMicroelectronics ST9 Datasheet HTML 39Page - STMicroelectronics ST9 Datasheet HTML 40Page - STMicroelectronics ST9 Datasheet HTML 41Page - STMicroelectronics ST9 Datasheet HTML 42Page - STMicroelectronics ST9 Datasheet HTML 43Page - STMicroelectronics ST9 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 146 page
background image
40/146
ST9 USER GUIDE
3.3.2 Advantages when Using C Language
The ST9 has been designed with high-level languages in mind. In particular, the instructions
described above are of special interest to C programmers.
First, as a structured language, C typically uses the stack to pass arguments to functions, re-
turn values from functions, and store the local variables of the functions. An instruction such
as:
pushw #1500
pushes a constant integer value as the constant argument of a function. This is used in the fol-
lowing example:
/* define a function that has a single argument of int type */
void MyFunction ( int Param ) ;
{
/* body of the function */
}
void main ( void ) ;
{
/* some code ... */
MyFunction ( 1500 ) ;/* invoke this function with a constant argument */
/* more code ... */
}
Since C makes heavy use of pointers, the instruction:
pea 4(rr2)
pushes the address of the 5th byte of a structure.
For example:
/* define a structured type */
struct sMyStruct {
int N1 ;
int N2 ;
char C1 ;
} ;
struct sMyStruct MyStruct ;/* create a variable of the above defined type
*/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More