データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM0225 データシート(PDF) 9 Page - STMicroelectronics

部品番号 UM0225
部品情報  Configuration and programming software
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0225 データシート(HTML) 9 Page - STMicroelectronics

Back Button UM0225 Datasheet HTML 5Page - STMicroelectronics UM0225 Datasheet HTML 6Page - STMicroelectronics UM0225 Datasheet HTML 7Page - STMicroelectronics UM0225 Datasheet HTML 8Page - STMicroelectronics UM0225 Datasheet HTML 9Page - STMicroelectronics UM0225 Datasheet HTML 10Page - STMicroelectronics UM0225 Datasheet HTML 11Page - STMicroelectronics UM0225 Datasheet HTML 12Page - STMicroelectronics UM0225 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UM0225
2 Introduction to the CAPS user interface
8/56
The CAPS user interface provides the following additional aids to using the software.
•
Descriptive pop-up error messages.
•
Explicit design flow sequencing that models the actual design process.
•
Detailed directions on most forms that describe input field formats and how to use the
form.
2.2.1
The project menu
The project menu allows users to manage the project life cycle, set project preferences and exit
the CAPS program.
This section describes the operations available in the project menu.
Main window
The main window displays the CAPS design entry forms.
The window may consist of multiple panes, depending on
the current design function.
Figure 1: CAPS user interface shows an example of a
typical design window with two panes.
1.
A navigation pane appears on the left.
2.
A current work pane appears on the right.
Some modes of operation may also have function tabs
across the top of the work window, as shown in Figure 1.
Output log window
The output log window echoes all commands executed by
CAPS along with informational and progress messages.
Note:
This window is made visible by checking the Output Log
option in the View menu.
Status bar
The status bar displays:
•
Current project name.
•
Target device.
•
Today’s date. (MM/DD/YYYY)
•
Current time (HH:MM:SS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57