データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM0225 データシート(PDF) 27 Page - STMicroelectronics

部品番号 UM0225
部品情報  Configuration and programming software
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0225 データシート(HTML) 27 Page - STMicroelectronics

Back Button UM0225 Datasheet HTML 23Page - STMicroelectronics UM0225 Datasheet HTML 24Page - STMicroelectronics UM0225 Datasheet HTML 25Page - STMicroelectronics UM0225 Datasheet HTML 26Page - STMicroelectronics UM0225 Datasheet HTML 27Page - STMicroelectronics UM0225 Datasheet HTML 28Page - STMicroelectronics UM0225 Datasheet HTML 29Page - STMicroelectronics UM0225 Datasheet HTML 30Page - STMicroelectronics UM0225 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UM0225
3 Designing with CAPS
26/56
Figure 20. Example - configure Timer1 peripheral
This example specifies the Internal timer clock (default) as the clock source, and Input Capture
A and Pulse Width Modulation as the desired counter/timer modes.
Click Pin Assignment... to select the pin assignments for the peripheral function. The program
displays the dialog shown in Figure 21.
Figure 21. Peripheral pin assignment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57