データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM0225 データシート(PDF) 25 Page - STMicroelectronics

部品番号 UM0225
部品情報  Configuration and programming software
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0225 データシート(HTML) 25 Page - STMicroelectronics

Back Button UM0225 Datasheet HTML 21Page - STMicroelectronics UM0225 Datasheet HTML 22Page - STMicroelectronics UM0225 Datasheet HTML 23Page - STMicroelectronics UM0225 Datasheet HTML 24Page - STMicroelectronics UM0225 Datasheet HTML 25Page - STMicroelectronics UM0225 Datasheet HTML 26Page - STMicroelectronics UM0225 Datasheet HTML 27Page - STMicroelectronics UM0225 Datasheet HTML 28Page - STMicroelectronics UM0225 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UM0225
3 Designing with CAPS
24/56
3.4
Specifying peripheral and GPIO pin assignment
Click the Peripheral/Pin Assignment tab to select the peripherals for your design. Pin
resources are dynamically allocated and de-allocated based on peripheral selection. Therefore,
the peripheral selection sequence directly affects pin resource assignment.
Note:
The selected peripherals affect the initialization module in the HAL library. A default C-header
file, 91x_conf.H, is automatically generated to be included with the HAL library source code. It
is recommended to generate a C-header file to be included in your source code, as described
in Section 3.3.3, to facilitate integration of the CAPS design and initialization.
Figure 17.: Peripheral/Pin Assignment tab shows a list of peripherals available for the target
device.
Figure 17. Peripheral/Pin Assignment tab
Select a peripheral from the list and click the Assign>> button to assign the pin, moving it to the
list in the right window.
As peripherals are assigned, a dialog window displays configurable peripheral parameters.
Enter the desired information and values to configure the peripheral. For peripherals that have
predefined pin assignments, the following prompt is displayed to either accept the default
assignment or enter a different pin assignment.
Figure 18. Accept default pin assignment prompt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57