データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM0225 データシート(PDF) 5 Page - STMicroelectronics

部品番号 UM0225
部品情報  Configuration and programming software
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0225 データシート(HTML) 5 Page - STMicroelectronics

  UM0225 Datasheet HTML 1Page - STMicroelectronics UM0225 Datasheet HTML 2Page - STMicroelectronics UM0225 Datasheet HTML 3Page - STMicroelectronics UM0225 Datasheet HTML 4Page - STMicroelectronics UM0225 Datasheet HTML 5Page - STMicroelectronics UM0225 Datasheet HTML 6Page - STMicroelectronics UM0225 Datasheet HTML 7Page - STMicroelectronics UM0225 Datasheet HTML 8Page - STMicroelectronics UM0225 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UM0225
1 Getting started
4/56
Table 1.
CAPS utility programs
Subdirectory Projects is also created, and is the default location for storing your CAPS project
files. For example, if CAPS is installed in base directory C:\CAPS, the Projects directory is
located at C:\CAPS\Projects.
1.1.3
Uninstalling CAPS
To uninstall CAPS, select Start | Programs | STMicroelectronics - CAPS | Uninstall CAPS.
This removes all CAPS executable software and desktop references.
Note:
Any project files and environment files are preserved so they are available following a CAPS
software upgrade. However, it is a safe practice to backup your project files before uninstalling
and reinstalling the software.
1.2
Setting up the target hardware
If you are using CAPS features that interact with the target hardware, such as programming the
flash, configure and power the target hardware before starting a CAPS session. (Refer to the
the User Guide for your particular target hardware, found at http://www.st.com/mcu/).
Note: 1 When using FlashLINK, the 20-pin to 14-pin adapter (provided with the EVAL Kit or a customer
board) is required.
2 The device under test must be the same as the target device you select when you created your
project.
3 Follow the instructions below referring to the device-specific quick start guide or design guide
as needed.
1.
Connect either the RLINK-ST USB cable or the FlashLINK parallel cable to your PC, and
connect the other end of the JTAG interface to the target board.
2.
Configure jumpers according to the quick start or design guide documentation for the
target board.
3.
Attach the power plug to the power jack of the target board.
4.
Switch ON the target board.
Utility Executable
Description
ObjFileEditor.exe
Programming data file (.OBJ) editor.
uFLink.exe
Standalone JTAG/ISP programming utility.
uMerge.exe
Merge firmware utility.
uObjOsf.exe
Program data file conversion utility. Convert obj-to-osf and osf-to-obj files.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57