データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM0225 データシート(PDF) 43 Page - STMicroelectronics

部品番号 UM0225
部品情報  Configuration and programming software
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0225 データシート(HTML) 43 Page - STMicroelectronics

Back Button UM0225 Datasheet HTML 39Page - STMicroelectronics UM0225 Datasheet HTML 40Page - STMicroelectronics UM0225 Datasheet HTML 41Page - STMicroelectronics UM0225 Datasheet HTML 42Page - STMicroelectronics UM0225 Datasheet HTML 43Page - STMicroelectronics UM0225 Datasheet HTML 44Page - STMicroelectronics UM0225 Datasheet HTML 45Page - STMicroelectronics UM0225 Datasheet HTML 46Page - STMicroelectronics UM0225 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UM0225
3 Designing with CAPS
42/56
Check the JTAG chain connectivity on the target board and that the target board is powered on.
Click OK to continue.
5.
Click Determine TCK Speed button to determine the maximum attainable TCK rate, in
KHz.
6.
Click Detect IDCODEs to display the IDCODEs of CAPS-supported devices in the JTAG
chain. For unsupported devices, the string “Non-ST device” is displayed. If the detection
passes, the detected IDCODEs are listed in the dialog shown in Figure 41.: Detected
JTAG IDCODEs dialog.
Figure 41. Detected JTAG IDCODEs dialog
If the detection fails, the dialog shown in Figure 42.: JTAG IDCODEs detection error dialog
displays. Check the JTAG chain connectivity on the target board and that the target board
is powered on. Click OK to continue.
Figure 42. JTAG IDCODEs detection error dialog
3.7.5
Chaining multiple devices
This section describes procedures for specifying chained devices and their order. Refer to the
other subsections of 3.7: Validating and programming the target device for operations common
to both single and multiple devices.
If Multiple device view is selected, the program displays Figure 43.: Programming dialog for
multiple devices when the Program Device button is clicked. The multiple device view adds
dialog for chaining devices to the single device dialog.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57