データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD750064CU データシート(PDF) 30 Page - NEC

部品番号 UPD750064CU
部品情報  4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD750064CU データシート(HTML) 30 Page - NEC

Back Button UPD750064CU Datasheet HTML 26Page - NEC UPD750064CU Datasheet HTML 27Page - NEC UPD750064CU Datasheet HTML 28Page - NEC UPD750064CU Datasheet HTML 29Page - NEC UPD750064CU Datasheet HTML 30Page - NEC UPD750064CU Datasheet HTML 31Page - NEC UPD750064CU Datasheet HTML 32Page - NEC UPD750064CU Datasheet HTML 33Page - NEC UPD750064CU Datasheet HTML 34Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 82 page
background image
30
µPD750064, 750066, 750068, 750064(A), 750066(A), 750068(A)
Data Sheet U10165EJ2V0DS00
Figure 6-6. Timer/Event Counter Block Diagram (Channel 0)
Timer/event
counter
TM06
Modulo register (8)
TM05 TM04 TM03 TM02 TM01 TM00
–
8
TM0
Decoder
Internal bus
8
PORT1. 3
Input
buffer
TI0/P13
Watch timer (INTW) output
From clock
generator
fX/22
fX/24
fX/26
fX/28
fX/210
MPX
TMOD0
8
Comparator (8)
Count register (8)
CP
Clear
Reset
T0
16-bit
timer/event
counter mode
Timer
operation
start
Timer/event counter (channel 1) TM12 signal
(When 16-bit timer/event counter mode)
Timer/event counter (channel 1) match signal
(When 16-bit timer/event counter mode)
Timer/event counter (channel 1) clear signal
(When 16-bit timer/event counter mode)
Overflow
TOUT0
TOE0
TOUT
F/F
PORT2.0
PMGB bit 2
TO
P20
To serial
interface
P20/PTO0
Output
buffer
(channel 1)
clock input
INTT0
(IRQT0
set signal)
IRQT0
clear signal
RESET
8
Match
enable
flag
output
latch
Port 2
input/
output
mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82